Part Number Hot Search : 
T3906 AWG400 4805D SQD41N32 HC21F 354508 MAX40 1N4793A
Product Description
Full Text Search
 

To Download APT15D20BCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
200V 2x15A APT15D20BCT APT15D20BCTG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
TO
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package * Low Forward Voltage * Low Leakage Current * Avalanche Energy Rated
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density
1
-2 4
7
2
3
1 2
3
1 - Anode 1 2 - Common Cathode Back of Case - Cathode 3 - Anode 2
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings Per Leg: TC = 25C unless otherwise specified.
APT15D20BCT(G) UNIT
200
Volts
Maximum Average Forward Current (TC = 145C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
15 41 110 -55 to 175 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 15A VF Forward Voltage IF = 30A IF = 15A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
1.1 1.4 0.9
1.3
Volts
VR = VR Rated, TJ = 125C
500 43
A pF
053-4051 Rev B
4-2005
VR = VR Rated
150
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 15A, diF/dt = -750A/s VR = 133V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 133V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 133V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN TYP 23
APT15D20BCT(G)
MAX UNIT ns nC
-
41 100 5 75 360 9 45 610 24 -
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
1.35 40 0.22 5.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
APT Reserves the right to change, without notice, the specifications and information contained herein. 1.40 , THERMAL IMPEDANCE (C/W) 1.20 1.00 0.80 0.60 0.40 0.20 0 10 0.3 0.9
0.7
0.5
Note:
PDM
t1 t2
Z
0.1 0.05
-5
SINGLE PULSE 10-4
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
JC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
RC MODEL Junction temp (C) 0.725 C/W 0.00166 J/C
4-2005
Power (watts)
0.455 C/W
0.0381 J/C
053-4051 Rev B
0.172 C/W Case temperature (C)
0.645 J/C
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
TYPICAL PERFORMANCE CURVES
50 45 IF, FORWARD CURRENT (A) 40 35 30 25 20 15 10 5 0 0 TJ = 125C TJ = 150C TJ = -55C TJ = 25C trr, REVERSE RECOVERY TIME (ns)
80 70 60 50 40 30 20 10
APT15D20BCT(G)
T =125C J V = 133V
R
30A 15A 7.5A
0.5 1 1.5 2 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 900 Qrr, REVERSE RECOVERY CHARGE (nC) 800 700 600 500 400 300 200 100 0 7.5A 15A
T =125C J V = 133V
R
0 200 400 600 800 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change 30 IRRM, REVERSE RECOVERY CURRENT (A)
T = 125C J V = 133V
0
30A
25 20 15 10 5 0
R
30A
15A
7.5A
0 200 400 600 800 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2 Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s) 1.0 0.8 trr 0.6 0.4 0.2 0.0 Qrr Qrr IRRM trr
0 200 400 600 800 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 45 40 35 30 IF(AV) (A) 25 20 15 10 5
Duty cycle = 0.5 T = 175C
J
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature 350 CJ, JUNCTION CAPACITANCE (pF) 300 250 200 150 100 50 10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage 0 1
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
053-4051 Rev B
4-2005
Vr +18V 0V D.U.T. 30H diF /dt Adjust
APT20M36BLL
APT15D20BCT(G)
trr/Qrr Waveform
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 Package Outline
e1 SAC: Tin, Silver, Copper
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC
15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Common Cathode
20.80 (.819) 21.46 (.845) 3.55 (.138) 3.81 (.150)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
4-2005
19.81 (.780) 20.32 (.800)
1.01 (.040) 1.40 (.055)
Anode 1 Common Cathode Anode 2
053-4051 Rev B
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT15D20BCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X